Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB150A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB150A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB150A6
Download  PDMB150A6 Download
File Size   108.57 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 150A 600V

PDMB150A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB150A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB150A6
Download  PDMB150A6 Click to download

File Size   108.57 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 150A 600V

PDMB150A6 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB150A6 Product details

IGBT 150 A 600 V




Similar Part No. - PDMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB150A6 NIEC-PDMB150A6 Datasheet
161Kb / 4P
150A 600V
PDMB150A6C NIEC-PDMB150A6C Datasheet
161Kb / 4P
150A 600V
PDMB150A6 NIEC-PDMB150A6_1 Datasheet
161Kb / 4P
150A 600V
More results


Similar Description - PDMB150A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB150A6 NIEC-PCHMB150A6 Datasheet
113Kb / 3P
IGBT MODULE Chopper 150A 600V
PCHMB150A6A NIEC-PCHMB150A6A Datasheet
111Kb / 3P
IGBT MODULE Chopper 150A 600V
PRHMB150A6 NIEC-PRHMB150A6 Datasheet
111Kb / 3P
IGBT MODULE Chopper 150A 600V
PRHMB150A6A NIEC-PRHMB150A6A Datasheet
112Kb / 3P
IGBT MODULE Chopper 150A 600V
PTMB150A6 NIEC-PTMB150A6 Datasheet
125Kb / 3P
IGBT MODULE Six-Pack 150A 600V
logo
Micross Components
MIMMG150DR060DE MICROSS-MIMMG150DR060DE Datasheet
2Mb / 5P
600V 150A IGBT Module RoHS Compliant
logo
MacMic
MMG150HB060B6EN MACMIC-MMG150HB060B6EN Datasheet
445Kb / 6P
600V 150A IGBT Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
600V 150A IGBT Module
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
600V 150A IGBT Module
MMG150S060DE6EN MACMIC-MMG150S060DE6EN Datasheet
434Kb / 5P
600V 150A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com