Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB300B12C Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB300B12C Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB300B12C
Download  PDMB300B12C Download
File Size   116.55 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 300A 1200V

PDMB300B12C Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB300B12C Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB300B12C
Download  PDMB300B12C Click to download

File Size   116.55 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 300A 1200V

PDMB300B12C Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB300B12C Product details

IGBT Module-Dual 300 A, 1200 V




Similar Part No. - PDMB300B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300B12C NIEC-PDMB300B12C Datasheet
213Kb / 3P
300A, 1200V
More results


Similar Description - PDMB300B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB300B12 NIEC-PDMB300B12 Datasheet
116Kb / 3P
IGBT MODULE Dual 300A 1200V
logo
Littelfuse
MG12300D-BA1MM LITTELFUSE-MG12300D-BA1MM Datasheet
1Mb / 6P
1200V 300A IGBT Module
logo
MacMic
MMG300D120B6HN MACMIC-MMG300D120B6HN Datasheet
540Kb / 5P
1200V 300A IGBT Module
MMG300D120B6TC MACMIC-MMG300D120B6TC Datasheet
689Kb / 6P
1200V 300A IGBT Module
MMG300D120B6TN MACMIC-MMG300D120B6TN Datasheet
542Kb / 5P
1200V 300A IGBT Module
MMG300D120B6UC MACMIC-MMG300D120B6UC Datasheet
1Mb / 6P
1200V 300A IGBT Module
MMG300D120UA6TC MACMIC-MMG300D120UA6TC Datasheet
461Kb / 6P
1200V 300A IGBT Module
MMG300D120UA6TN MACMIC-MMG300D120UA6TN Datasheet
518Kb / 5P
1200V 300A IGBT Module
MMG300K120U6HN MACMIC-MMG300K120U6HN Datasheet
554Kb / 5P
1200V 300A IGBT Module
MMG300WB120B6TC MACMIC-MMG300WB120B6TC Datasheet
372Kb / 6P
1200V 300A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com