Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB400B12 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB400B12 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB400B12
Download  PDMB400B12 Download
File Size   116.4 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 400A 1200V

PDMB400B12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB400B12 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB400B12
Download  PDMB400B12 Click to download

File Size   116.4 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 400A 1200V

PDMB400B12 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB400B12 Product details

IGBT MODULE 400 A 1200 V




Similar Part No. - PDMB400B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB400B12 NIEC-PDMB400B12 Datasheet
195Kb / 3P
400 A 1200 V
PDMB400B12C NIEC-PDMB400B12C Datasheet
116Kb / 3P
IGBT MODULE Dual 400A 1200V
PDMB400B12C NIEC-PDMB400B12C Datasheet
195Kb / 3P
400 A 1200 V
PDMB400B12 NIEC-PDMB400B12_1 Datasheet
195Kb / 3P
400 A 1200 V
logo
National Instruments Co...
PDMB400B12 NI-PDMB400B12_15 Datasheet
195Kb / 3P
IGBT
More results


Similar Description - PDMB400B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB400B12C NIEC-PDMB400B12C Datasheet
116Kb / 3P
IGBT MODULE Dual 400A 1200V
logo
MacMic
MMG400D120B6BHN MACMIC-MMG400D120B6BHN Datasheet
405Kb / 6P
1200V 400A IGBT Module
MMG400D120B6HN MACMIC-MMG400D120B6HN Datasheet
541Kb / 5P
1200V 400A IGBT Module
MMG400D120B6TC MACMIC-MMG400D120B6TC Datasheet
736Kb / 6P
1200V 400A IGBT Module
MMG400D120B6TN MACMIC-MMG400D120B6TN Datasheet
542Kb / 5P
1200V 400A IGBT Module
MMG400D120UA6TC MACMIC-MMG400D120UA6TC Datasheet
539Kb / 6P
1200V 400A IGBT Module
MMG400D120UA6TN MACMIC-MMG400D120UA6TN Datasheet
730Kb / 14P
1200V 400A IGBT Module
MMG400D120UK6HN MACMIC-MMG400D120UK6HN Datasheet
506Kb / 5P
1200V 400A IGBT Module
MMG400K120U6TN MACMIC-MMG400K120U6TN Datasheet
562Kb / 5P
1200V 400A IGBT Module
MMG400KR120U MACMIC-MMG400KR120U Datasheet
563Kb / 5P
1200V 400A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com