Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT2018 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDT2018 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDT2018
Download  PDT2018 Download
File Size   328.1 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 200A / 800V

PDT2018 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT2018 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDT2018
Download  PDT2018 Click to download

File Size   328.1 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 200A / 800V

PDT2018 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDT2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT2018 NIEC-PDT2018 Datasheet
380Kb / 3P
200A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT2018 KSS-PDT2018 Datasheet
1Mb / 8P
Thyristor
logo
Nihon Inter Electronics...
PDT2018 NIEC-PDT2018_1 Datasheet
380Kb / 3P
200A Avg 800 Volts
logo
National Instruments Co...
PDT2018 NI-PDT2018_15 Datasheet
380Kb / 3P
THYRISTOR
More results


Similar Description - PDT2018

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
THYRISTOR MODULE 200A / 1600V
PC2008 NIEC-PC2008 Datasheet
204Kb / 3P
DIODE MODULE 200A/800V
PCH2008 NIEC-PCH2008 Datasheet
256Kb / 5P
THYRISTOR MODULE 200A/800V
PD2018 NIEC-PD2018 Datasheet
172Kb / 6P
DIODE MODULE - 200A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PFT2004N NIEC-PFT2004N Datasheet
223Kb / 4P
THYRISTOR MODULE 200A / 400V
PFT2014N NIEC-PFT2014N Datasheet
202Kb / 4P
THYRISTOR MODULE 200A / 400V
PGH2008AM NIEC-PGH2008AM Datasheet
237Kb / 4P
THYRISTOR MODULE 200A / 800V
PT200S8 NIEC-PT200S8 Datasheet
128Kb / 3P
DIODE MODULE 200A/800V
logo
MacMic
MMK200S160B MACMIC-MMK200S160B Datasheet
392Kb / 4P
200A Thyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com