Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6546 Datasheet (PDF) - Broadcom Corporation.

AMMP-6546 Datasheet PDF - Broadcom Corporation.
Part # AMMP-6546
Download  AMMP-6546 Download
File Size   170.46 Kbytes
Page   5 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package

AMMP-6546 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMP-6546 Datasheet PDF - Broadcom Corporation.

Part # AMMP-6546
Download  AMMP-6546 Click to download

File Size   170.46 Kbytes
Page   5 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer In SMT Package

AMMP-6546 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546-BLKG AVAGO-AMMP-6546-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6546-TR1G AVAGO-AMMP-6546-TR1G Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6546-TR2G AVAGO-AMMP-6546-TR2G Datasheet
118Kb / 2P
Refer to Appendix A
More results


Similar Description - AMMP-6546

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
AMMP-6546 AVAGO-AMMP-6546 Datasheet
170Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Broadcom Corporation.
AMMP-6545 BOARDCOM-AMMP-6545 Datasheet
309Kb / 5P
18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer in SMT Package
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com