Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT20116 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDT20116 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDT20116
Download  PDT20116 Download
File Size   329.18 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 200A / 1600V

PDT20116 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT20116 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDT20116
Download  PDT20116 Click to download

File Size   329.18 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 200A / 1600V

PDT20116 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDT20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116 Datasheet
378Kb / 3P
150A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT20116 KSS-PDT20116 Datasheet
1Mb / 8P
Thyristor
logo
Nihon Inter Electronics...
PDT20116 NIEC-PDT20116_1 Datasheet
378Kb / 3P
150A Avg 800 Volts
logo
National Instruments Co...
PDT20116 NI-PDT20116_15 Datasheet
378Kb / 3P
THYRISTOR
More results


Similar Description - PDT20116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH20016AM NIEC-PGH20016AM Datasheet
240Kb / 4P
THYRISTOR MODULE 200A / 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
DIODE MODULE - 200A/1600V
PDT20012 NIEC-PDT20012 Datasheet
258Kb / 5P
THYRISTOR MODULE 200A / 1200to 1600V
PGH10016AM NIEC-PGH10016AM Datasheet
234Kb / 4P
THYRISTOR MODULE 100A / 1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
logo
MacMic
MMK40A160B MACMIC-MMK40A160B Datasheet
400Kb / 5P
1600V 40A thyristor Module
MMK90A160UA MACMIC-MMK90A160UA Datasheet
522Kb / 5P
1600V 90A thyristor Module
MMK200T160UX MACMIC-MMK200T160UX Datasheet
742Kb / 5P
1600V 200A Three Phase DiodeThyristor Module
MMK200T160UX6J MACMIC-MMK200T160UX6J Datasheet
264Kb / 4P
1600V 200A Thyristor/Diode Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com