Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0520 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

MBR0520 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # MBR0520
Download  MBR0520 Download
File Size   602.81 Kbytes
Page   2 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Forward Voltage and Extremely Low Thermal Resistance

MBR0520 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR0520 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR0520
Download  MBR0520 Click to download

File Size   602.81 Kbytes
Page   2 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Forward Voltage and Extremely Low Thermal Resistance

MBR0520 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


MBR0520 Product details

Features
● Lead Free Finish/RoHS Compliant ("P" Suffix
   designates RoHS Compliant. See ordering information)
● For Surface Mount Application
● Low Forward Voltage and Extremely Low Thermal Resistance
● Case Material: Molded Plastic. UL Flammability
   Classification Rating 94V-0 and MSL Rating 1




Similar Part No. - MBR0520

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR0520 MCC-MBR0520 Datasheet
90Kb / 2P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
ON Semiconductor
MBR0520 ONSEMI-MBR0520 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBR0520 ONSEMI-MBR0520 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Vishay Siliconix
MBR0520 VISHAY-MBR0520 Datasheet
81Kb / 5P
Schottky Diode, 0.5 A
22-Aug-08
More results


Similar Description - MBR0520

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC31QS03L NIEC-EC31QS03L Datasheet
27Kb / 2P
Extremely Low Forward Voltage drop Diode
FCL10A015 NIEC-FCL10A015 Datasheet
28Kb / 2P
Extremely Low Forward Voltage drop Diode
21DQ03L NIEC-21DQ03L Datasheet
39Kb / 6P
Extremely Low Forward Voltage drop Diode
31DQ03L NIEC-31DQ03L Datasheet
53Kb / 6P
Extremely Low Forward Voltage drop Diode
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
Vishay Siliconix
VS-15MQ040NTRPBF VISHAY-VS-15MQ040NTRPBF Datasheet
111Kb / 6P
Extremely low forward voltage
04-Mar-10
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Bruckewell Technology L...
RS1010F BWTECH-RS1010F Datasheet
140Kb / 4P
Extremely low thermal resistance
RS1010FS BWTECH-RS1010FS Datasheet
166Kb / 4P
Extremely low thermal resistance
SD22-210 BWTECH-SD22-210 Datasheet
745Kb / 2P
Extremely low thermal resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com