Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-61325W-C2-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-61325W-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-61325W-C2-R0
Download  ATS-61325W-C2-R0 Download
File Size   1124.05 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description 32.00 x 32.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment

ATS-61325W-C2-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-61325W-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-61325W-C2-R0
Download  ATS-61325W-C2-R0 Click to download

File Size   1124.05 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description 32.00 x 32.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment

ATS-61325W-C2-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.




Similar Part No. - ATS-61325W-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61325W-C1-R0 ATS-ATS-61325W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61325W-C1-R0 ATS-ATS-61325W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results


Similar Description - ATS-61325W-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61290D-C1-R0 ATS-ATS-61290D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINK with maxiGRIP Attachment
REV1_0908
ATS-53375K-C1-R0 ATS-ATS-53375K-C1-R0 Datasheet
267Kb / 1P
37.50 x 37.50 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53210D-C1-R0 ATS2-ATS-53210D-C1-R0 Datasheet
265Kb / 1P
21.00 x 21.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin w/maxiGRIP
ATS-61270W-C2-R0 ATS2-ATS-61270W-C2-R0 Datasheet
1Mb / 1P
27.00 x 27.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61300W-C2-R0 ATS2-ATS-61300W-C2-R0 Datasheet
1Mb / 1P
30.00 x 30.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61330W-C2-R0 ATS2-ATS-61330W-C2-R0 Datasheet
1Mb / 1P
33.00 x 33.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61350W-C2-R0 ATS2-ATS-61350W-C2-R0 Datasheet
1Mb / 1P
35.00 x 35.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61375W-C2-R0 ATS2-ATS-61375W-C2-R0 Datasheet
1Mb / 1P
37.00 x 37.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61400W-C2-R0 ATS2-ATS-61400W-C2-R0 Datasheet
1Mb / 1P
40.00 x 40.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61450W-C2-R0 ATS2-ATS-61450W-C2-R0 Datasheet
1Mb / 1P
45.00 x 45.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com