Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD24 Datasheet (PDF) - Carlo Gavazzi Holding AG

SPD24 Datasheet PDF - Carlo Gavazzi Holding AG
Part # SPD24
Download  SPD24 Download
File Size   367.85 Kbytes
Page   4 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Switching Power Supply Type SPD 480W 3 phases DIN rail mounting

SPD24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPD24 Datasheet PDF - Carlo Gavazzi Holding AG

Part # SPD24
Download  SPD24 Click to download

File Size   367.85 Kbytes
Page   4 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Switching Power Supply Type SPD 480W 3 phases DIN rail mounting

SPD24 Datasheet (HTML) - Carlo Gavazzi Holding AG




Similar Part No. - SPD24

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SPD24 CARLOGAVAZZI-SPD24 Datasheet
412Kb / 4P
Switching Power Supply Type SPD 18W DIN rail mounting
SPD24 CARLOGAVAZZI-SPD24 Datasheet
366Kb / 4P
Switching Power Supply Type SPD 10W DIN rail mounting
SPD24 CARLOGAVAZZI-SPD24 Datasheet
159Kb / 4P
Switching Power Supply Type SPD 5W DIN rail mounting
SPD24 CARLOGAVAZZI-SPD24 Datasheet
783Kb / 4P
Switching Power Supply Type PSS 480W DIN rail mounting
SPD24 CARLOGAVAZZI-SPD24 Datasheet
242Kb / 5P
Switching Power Supply Type SPD 960W 3 phases DIN rail mounting
More results


Similar Description - SPD24

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SPD249603L CARLOGAVAZZI-SPD249603L Datasheet
242Kb / 5P
Switching Power Supply Type SPD 960W 3 phases DIN rail mounting
SPD244801B CARLOGAVAZZI-SPD244801B Datasheet
783Kb / 4P
Switching Power Supply Type PSS 480W DIN rail mounting
SPD24901B CARLOGAVAZZI-SPD24901B Datasheet
170Kb / 3P
Switching Power Supply Type SPD 90W DIN rail mounting
SPD242401B CARLOGAVAZZI-SPD242401B Datasheet
605Kb / 4P
Switching Power Supply Type SPD 240W DIN rail mounting
SPD24181B CARLOGAVAZZI-SPD24181B Datasheet
412Kb / 4P
Switching Power Supply Type SPD 18W DIN rail mounting
SPD241201BN CARLOGAVAZZI-SPD241201BN Datasheet
320Kb / 4P
Switching Power Supply Type SPD 120W New DIN rail mounting
SPD24101B CARLOGAVAZZI-SPD24101B Datasheet
366Kb / 4P
Switching Power Supply Type SPD 10W DIN rail mounting
SPD12301B CARLOGAVAZZI-SPD12301B Datasheet
580Kb / 4P
Switching Power Supply Type SPD 30W DIN rail mounting
SPD12051B CARLOGAVAZZI-SPD12051B Datasheet
159Kb / 4P
Switching Power Supply Type SPD 5W DIN rail mounting
SPD24601B CARLOGAVAZZI-SPD24601B Datasheet
326Kb / 4P
Type SPD 60W Type SPD 60W DIN rail mounting
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com