Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA2401P Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SDA2401P Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SDA2401P
Download  SDA2401P Download
File Size   636.33 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE

SDA2401P Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA2401P Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA2401P
Download  SDA2401P Click to download

File Size   636.33 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description UNIDIRECTIONAL TVS DIODE

SDA2401P Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SDA2401P Product details

Features
• 200 Watts Peak Pulse Power per Line (tp=8/20µs)
• Protects One Unirectional I/O Line
• Low clamping voltage
• Working voltages : 24V.
• Low leakage current
• IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
• IEC61000-4-4 (EFT) 40A (5/50η s)

Applications
• Cell Phone Handsets and Accessories
• Microprocessor based equipment
• Personal Digital Assistants (PDA’s)
• Notebooks, Desktops, and Servers
• Portable Instrumentation
• Peripherals
• Pagers

Mechanical Characteristics
• DFN1006 (1.0x0.6x0.5mm) Package
• Molding Compound Flammability Rating : UL 94V-O
• Weight 0.5 Millgrams (Approximate)
• Quantity Per Reel : 5,000pcs
• Reel Size : 7 inch
• Lead Finish : Lead Free




Similar Part No. - SDA2401P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA240A SSDI-SDA240A Datasheet
169Kb / 2P
120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
SDA240B SSDI-SDA240B Datasheet
169Kb / 2P
120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER
More results


Similar Description - SDA2401P

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com