Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA2411P1 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SDA2411P1 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SDA2411P1
Download  SDA2411P1 Download
File Size   1616.83 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

SDA2411P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA2411P1 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA2411P1
Download  SDA2411P1 Click to download

File Size   1616.83 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Bi-directional TVS Diode

SDA2411P1 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SDA2411P1 Product details

Features
● Ultra small package: 1.0x0.6x0.5mm
● Protects one data or power line
● Ultra low leakage: nA level
● Working voltage: 24V
● Low clamping voltage
● 2-Pin leadless package
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±30kV
      Contact discharge: ±25kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 5A (8/20µs)
● RoHS Compliant

Applications
● Cellular Handsets and Accessories
● Personal Digital Assistants
● Notebooks and Handhelds
● Portable Instrumentation
● Digital Cameras
● Peripherals
● Audio Players

Mechanical Characteristics
● Package: DFN1006 (1.0×0.6×0.5mm)
● Lead Finish: NiPdAu
● Case Material: “Green” Molding Compound.
● UL Flammability Classification Rating 94V-0
● Moisture Sensitivity: Level 3 per J-STD-020
● Terminal Connections: See Diagram Below
● Marking Information: See Below




Similar Part No. - SDA2411P1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CDN LEIDITECH-SDA2411CDN Datasheet
154Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411DN LEIDITECH-SDA2411DN Datasheet
1Mb / 4P
Ultra small package: 1.0x0.6x0.5mm
More results


Similar Description - SDA2411P1

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com