Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF830 Datasheet (PDF) - First Silicon Co., Ltd

IRF830 Datasheet PDF - First Silicon Co., Ltd
Part # IRF830
Download  IRF830 Download
File Size   384.32 Kbytes
Page   7 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET

IRF830 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF830 Datasheet PDF - First Silicon Co., Ltd

Part # IRF830
Download  IRF830 Click to download

File Size   384.32 Kbytes
Page   7 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET

IRF830 Datasheet (HTML) - First Silicon Co., Ltd


IRF830 Product details

DESCRIPTION
➤ IRF830 is 500V High voltage N-Channel enhancement
   mode power MOS-FET chip fabricated in advanced
   silicon epitaxial planar technology;
➤ Advanced termination scheme to provide enhanced voltageblocking capability;
➤ Avalanche Energy Specified;
➤ Source-to-Drain Diode Recovery Time Comparable to a
   Discrete Fast Recovery Diode;
➤ IRF830 product is widely used in AC-DC power
   suppliers, DC-DC converters and H-bridge PWM motor
   drivers.

FEATURES
* 4.4A, 500V, RDS(ON)=1.5Ω
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Single Pulse Avalanche EnergyRated
* Linear Transfer Characteristics
* High Input Impedance




Similar Part No. - IRF830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF830 PHILIPS-IRF830 Datasheet
58Kb / 7P
PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Fairchild Semiconductor
IRF830 FAIRCHILD-IRF830 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
More results


Similar Description - IRF830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM3622 FAIRCHILD-FDM3622_07 Datasheet
222Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
Unisonic Technologies
4N70 UTC-4N70_12 Datasheet
246Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
UF830 UTC-UF830 Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830Z UTC-UF830Z Datasheet
280Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
4.4A, 700V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com