Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC41D34LB09 Datasheet (PDF) - VITALCONN ELECTRONICS HK LTD.

UC41D34LB09 Datasheet PDF - VITALCONN ELECTRONICS HK LTD.
Part # UC41D34LB09
Download  UC41D34LB09 Download
File Size   276.43 Kbytes
Page   2 Pages
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.
Description USB C F 16PIN VERTICAL W/O EMI SPRING,H6.5

UC41D34LB09 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC41D34LB09 Datasheet PDF - VITALCONN ELECTRONICS HK LTD.

Part # UC41D34LB09
Download  UC41D34LB09 Click to download

File Size   276.43 Kbytes
Page   2 Pages
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.
Description USB C F 16PIN VERTICAL W/O EMI SPRING,H6.5

UC41D34LB09 Datasheet (HTML) - VITALCONN ELECTRONICS HK LTD.




Similar Part No. - UC41D34LB09

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
UC41D34LB01 VITALCONN-UC41D34LB01 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H13.0mm SMT TYPE
UC41D34LB02 VITALCONN-UC41D34LB02 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H13.5mm SMT TYPE
UC41D34LB03 VITALCONN-UC41D34LB03 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H15.0mm SMT TYPE
UC41D34LB04 VITALCONN-UC41D34LB04 Datasheet
228Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H12.0mm SMT TYPE
UC41D34LB05 VITALCONN-UC41D34LB05 Datasheet
185Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H10.4mm SMT TYPE
More results


Similar Description - UC41D34LB09

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020180M0002M417ZA SUYIN-USA-020180M0002M417ZA Datasheet
214Kb / 8P
RJ45STACK USB W/LED & W/O TRANSFORMER
020180M0002M449ZA SUYIN-USA-020180M0002M449ZA Datasheet
212Kb / 8P
RJ45STACK USB W/LED & W/O TRANSFORMER
020180M0004M417ZA SUYIN-USA-020180M0004M417ZA Datasheet
214Kb / 8P
RJ45STACK USB W/LED & W/O TRANSFORMER
020180M0007M417ZA SUYIN-USA-020180M0007M417ZA Datasheet
214Kb / 8P
RJ45STACK USB W/LED & W/O TRANSFORMER
logo
ERNI Electronics
109672 ERNI-109672 Datasheet
25Kb / 1P
MiniMez Male DIP Non-BM w/o Peg w/o Clip f. Female IDC
logo
Winchester Electronics ...
KD-94-04M06 WINCHESTER-KD-94-04M06 Datasheet
45Kb / 1P
ADAPTER, BNC-C, F-W
logo
List of Unclassifed Man...
USB4145 ETC-USB4145 Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
logo
VITALCONN ELECTRONICS H...
UC31E31LBC7 VITALCONN-UC31E31LBC7 Datasheet
159Kb / 1P
USB TYPE C PLUG VERTICAL
REV: A
logo
List of Unclassifed Man...
CSP-USC16-TR ETC-CSP-USC16-TR Datasheet
1Mb / 2P
USB Type C SMT R/A PCB Mount Socket 16pin Power Data
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com