Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR3A Datasheet (PDF) - First Silicon Co., Ltd

GR3A Datasheet PDF - First Silicon Co., Ltd
Part # GR3A
Download  GR3A Download
File Size   485.28 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage 50~1000V , Forward Current 3 Ampere

GR3A Datasheet (PDF)

Go To PDF Page Download Datasheet
GR3A Datasheet PDF - First Silicon Co., Ltd

Part # GR3A
Download  GR3A Click to download

File Size   485.28 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Reverse Voltage 50~1000V , Forward Current 3 Ampere

GR3A Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - GR3A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3A GOOD-ARK-GR3A Datasheet
171Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Silicon Standard Corp.
GR3A SSC-GR3A Datasheet
271Kb / 3P
FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Gulf Semiconductor
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
logo
EIC discrete Semiconduc...
GR3A EIC-GR3A Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Yangzhou yangjie electr...
GR3A YANGJIE-GR3A Datasheet
143Kb / 2P
Fast Recovery Rectifier Diode
More results


Similar Description - GR3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1A ETC1-IS1A Datasheet
186Kb / 2P
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
logo
Yea Shin Technology Co....
UF5400 YEASHIN-UF5400 Datasheet
98Kb / 3P
Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Leshan Radio Company
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UF5400 LRC-UF5400 Datasheet
417Kb / 3P
Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
First Silicon Co., Ltd
UF4001 FS-UF4001 Datasheet
207Kb / 2P
Reverse Voltage 50 to 1000 Volts, Forward Current 1.0 Ampere
logo
AiT Semiconductor Inc.
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
S1AF AITSEMI-S1AF Datasheet
551Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com