Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2090CT Datasheet (PDF) - First Silicon Co., Ltd

MBR2090CT Datasheet PDF - First Silicon Co., Ltd
Part # MBR2090CT
Download  MBR2090CT Download
File Size   299.48 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual SchottkyBarrierRectifiers ReverseVoltage 100V Volts ForwardCurrent 20.0Amperes

MBR2090CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR2090CT Datasheet PDF - First Silicon Co., Ltd

Part # MBR2090CT
Download  MBR2090CT Click to download

File Size   299.48 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual SchottkyBarrierRectifiers ReverseVoltage 100V Volts ForwardCurrent 20.0Amperes

MBR2090CT Datasheet (HTML) - First Silicon Co., Ltd


MBR2090CT Product details

egatloVesreveR 100V Volts serepmA0.02tnerruCdrawroF

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Dual rectifier construction, positive center tap
◆ Metal silicon junction, majority carrier conduction
◆ Low power loss, high efficiency
◆ Guardring for overvoltage protection
◆ For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications
◆ High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case

Mechanical Data
◆ Case: JEDEC TO-220AB, TO-220F , TO-263AB molded
   plastic body
◆ Terminals: Plated leads, solderable per MIL-STD-750,
   Method 2026
◆ Polarity: As marked
◆ Mounting Position: Any
◆ Mounting Torque: 10 in-lbs maximum
◆ Weight: 0.08 ounce, 2.24 grams




Similar Part No. - MBR2090CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2090CT MOTOROLA-MBR2090CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR2090CT DIODES-MBR2090CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Vishay Siliconix
MBR2090CT VISHAY-MBR2090CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Diodes Incorporated
MBR2090CT DIODES-MBR2090CT Datasheet
211Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
MBR2090CT TSC-MBR2090CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR2090CT

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBP2020 DAESAN-SBP2020 Datasheet
331Kb / 2P
CURRENT 20.0Amperes VOLTAGE 20 to 100 Volts
SBR2020 DAESAN-SBR2020 Datasheet
330Kb / 2P
CURRENT 20.0Amperes VOLTAGE 20 to 100 Volts
logo
International Rectifier
ML1000605D IRF-ML1000605D_15 Datasheet
875Kb / 17P
100V Input, Dual Output
logo
Micro Commercial Compon...
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
1 Watt Zener Diode 5.1V - 100V Volts
logo
First Silicon Co., Ltd
MBRF20150CT FS-MBRF20150CT Datasheet
320Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 150V Volts ForwardCurrent 20.0Amperes
MBR25XXCT FS-MBR25XXCT Datasheet
335Kb / 3P
Dual SchottkyBarrierRectifiers
MBR30XXCT FS-MBR30XXCT Datasheet
368Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 45Volts ForwardCurrent 30 Ampers
MBR2035CT FS-MBR2035CT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
MBR20XXCT FS-MBR20XXCT Datasheet
333Kb / 3P
Dual SchottkyBarrierRectifiers ReverseVoltage 35 to 60Volts ForwardCurrent 20.0Amperes
logo
Rectron Semiconductor
DS22W RECTRON-DS22W Datasheet
88Kb / 6P
SurfaceMountSchottkyBarrierRectifier ReverseVoltage- 20to200V ForwardCurrent - 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com