Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3904 Datasheet (PDF) - Panasonic Semiconductor

C3904 Datasheet PDF - Panasonic Semiconductor
Part # C3904
Download  C3904 Download
File Size   37.16 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)

C3904 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3904 Datasheet PDF - Panasonic Semiconductor

Part # C3904
Download  C3904 Click to download

File Size   37.16 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)

C3904 Datasheet (HTML) - Panasonic Semiconductor


C3904 Product details

For 2GHz band low-noise amplification



■Features

● High transition frequency fT.

● Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.




Similar Part No. - C3904

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C390 POWEREX-C390 Datasheet
919Kb / 6P
Phase Control SCR 450 Amperes Average 2400 Volts
C390 POWEREX-C390 Datasheet
231Kb / 6P
Phase Control SCR 450 Amperes Average 500-1300 Volts
logo
New Jersey Semi-Conduct...
C390 NJSEMI-C390 Datasheet
100Kb / 2P
SCR 850A RMS UP TO 1300 VOLTS
logo
Coilcraft lnc.
C390 COILCRAFT-C390 Datasheet
100Kb / 1P
Designer’s Kits
logo
Hamamatsu Corporation
C3901 HAMAMATSU-C3901 Datasheet
209Kb / 6P
Current output, high UV sensitivity, excellent linearity, low power consumption
More results


Similar Description - C3904

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4805 PANASONIC-2SC4805 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5295 PANASONIC-2SC5295 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For 2 GHz band low-noise amplification)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com