Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1863L250 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1863L250 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD1863L250
Download  PESD1863L250 Download
File Size   521.66 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Maximum allowable continuous DC voltage VDC 18 V

PESD1863L250 Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD1863L250 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1863L250
Download  PESD1863L250 Click to download

File Size   521.66 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Maximum allowable continuous DC voltage VDC 18 V

PESD1863L250 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd




Similar Part No. - PESD1863L250

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD1863L010 LEIDITECH-PESD1863L010 Datasheet
582Kb / 5P
Varistor voltage In = 1 mA DC
PESD1863L100 LEIDITECH-PESD1863L100 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
More results


Similar Description - PESD1863L250

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR0402-180E0R5 LEIDITECH-MVR0402-180E0R5 Datasheet
652Kb / 5P
Maximum allowable continuous DC voltage 18 v
MVR0603-180E2R5 LEIDITECH-MVR0603-180E2R5 Datasheet
461Kb / 5P
Maximum allowable continuous DC voltage 18 V
MVR0603-360G LEIDITECH-MVR0603-360G Datasheet
617Kb / 5P
Maximum allowable continuous DC voltage VDC 28.0 V
MVR0603-420G LEIDITECH-MVR0603-420G Datasheet
526Kb / 5P
Maximum allowable continuous DC voltage VDC 33.0 V
MVR0805-270G LEIDITECH-MVR0805-270G Datasheet
562Kb / 5P
Maximum allowable continuous DC voltage VDC 22.0 V
MVR3220-271G LEIDITECH-MVR3220-271G Datasheet
918Kb / 5P
Maximum allowable continuous DC voltage VDC 225.0 V
MVR3220-271H LEIDITECH-MVR3220-271H Datasheet
919Kb / 5P
Maximum allowable continuous DC voltage VDC 225.0 V
MVR3220-431H LEIDITECH-MVR3220-431H Datasheet
914Kb / 5P
Maximum allowable continuous DC voltage VDC 350.0 V
MVR1210-600G LEIDITECH-MVR1210-600G Datasheet
1Mb / 5P
Maximum allowable continuous DC voltage VDC 48.0 V
MVR1210-820G LEIDITECH-MVR1210-820G Datasheet
989Kb / 5P
Maximum allowable continuous DC voltage VDC 65.0 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com