Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD2442L002 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD2442L002 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD2442L002
Download  PESD2442L002 Download
File Size   1082.68 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Maximum allowable continuous DC voltage V DC 24 V

PESD2442L002 Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD2442L002 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD2442L002
Download  PESD2442L002 Click to download

File Size   1082.68 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Maximum allowable continuous DC voltage V DC 24 V

PESD2442L002 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd




Similar Part No. - PESD2442L002

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD2442L001 LEIDITECH-PESD2442L001 Datasheet
862Kb / 5P
Varistor voltage In = 1 mA DC
More results


Similar Description - PESD2442L002

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR0201-5R5E0R8 LEIDITECH-MVR0201-5R5E0R8 Datasheet
415Kb / 5P
Maximum allowable continuous DC voltage5.0 V
MVR0402-5R0E3R0 LEIDITECH-MVR0402-5R0E3R0 Datasheet
466Kb / 5P
Maximum allowable continuous DC voltage 5.0 V
MVR0402-110E150 LEIDITECH-MVR0402-110E150 Datasheet
420Kb / 5P
Maximum allowable continuous DC voltage 11 V
MVR0402-120E5R0 LEIDITECH-MVR0402-120E5R0 Datasheet
416Kb / 5P
Maximum allowable continuous DC voltage 12 V
MVR0402-180E0R5 LEIDITECH-MVR0402-180E0R5 Datasheet
652Kb / 5P
Maximum allowable continuous DC voltage 18 v
MVR0402-240E015 LEIDITECH-MVR0402-240E015 Datasheet
385Kb / 5P
Maximum allowable continuous DC voltage 24 V
MVR0402-240E150 LEIDITECH-MVR0402-240E150 Datasheet
190Kb / 5P
Maximum allowable continuous DC voltage 24 v
MVR0402-270E400 LEIDITECH-MVR0402-270E400 Datasheet
620Kb / 5P
Maximum allowable continuous DC voltage 27 V
MVR0603-5R0E100 LEIDITECH-MVR0603-5R0E100 Datasheet
386Kb / 5P
Maximum allowable continuous DC voltage 5.5 V
MVR0603-180E2R5 LEIDITECH-MVR0603-180E2R5 Datasheet
461Kb / 5P
Maximum allowable continuous DC voltage 18 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com