Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8050 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

S8050 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # S8050
Download  S8050 Download
File Size   564.48 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description High Collector Current

S8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
S8050 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S8050
Download  S8050 Click to download

File Size   564.48 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description High Collector Current

S8050 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


S8050 Product details

FEATURES
● High Collector Current.(IC= 500mA).
● Complementary To S8550.
● Excellent HFE Linearity.
● High total power dissipation.(PC=300mW)

APPLICATIONS
● High Collector Current.




Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
NPN General Purpose Transistors
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
S8050 BILIN-S8050 Datasheet
228Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S8050 DAYA-S8050 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results


Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCW68 SKTECHNOLGY-BCW68 Datasheet
498Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP51 SKTECHNOLGY-BCP51 Datasheet
396Kb / 2P
High Collector Current
BCP54 SKTECHNOLGY-BCP54 Datasheet
731Kb / 3P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
S8050 SKTECHNOLGY-S8050 Datasheet
836Kb / 3P
High Collector Current
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com