Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2395 Datasheet (PDF) - Rohm

D2395 Datasheet PDF - Rohm
Part # D2395
Download  D2395 Download
File Size   55.54 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Power Amplification (50V, 3A)

D2395 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2395 Datasheet PDF - Rohm

Part # D2395
Download  D2395 Click to download

File Size   55.54 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Power Amplification (50V, 3A)

D2395 Datasheet (HTML) - Rohm


D2395 Product details

2SB1566

Power Transistor(-50V, -3A)

Features
1) Low saturation voltage, typically VCE(sat) = -0.3V at IC / IB = -2A / -0.2A
2) Wide SOA (safe operating area).
3) Complements the 2SD2395.

2SD2395

Power Transistor(50V, 3A)

Features
1) Low saturation voltage, typically VCE(sat) = 0.2V at IC / IB = 2A / 0.2A
2) Wide SOA (safe operating area).
3) Complements the 2SD1566.




Similar Part No. - D2395

ManufacturerPart #DatasheetDescription
logo
Sanken electric
D2390 SANKEN-D2390 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Rohm
D2394 ROHM-D2394 Datasheet
55Kb / 2P
For Power Amplification (60V, 3A)
logo
Jiangsu Changjiang Elec...
D2396 JIANGSU-D2396 Datasheet
772Kb / 3P
TO-220F Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
D2398 ISC-D2398 Datasheet
254Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Rohm
D2399 ROHM-D2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
More results


Similar Description - D2395

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SB1566 ROHM-2SB1566 Datasheet
56Kb / 2P
For Power Amplification (-60V, -3A)
2SD2394 ROHM-2SD2394 Datasheet
55Kb / 2P
For Power Amplification (60V, 3A)
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Rohm
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
Power Transistor (50V, 3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
Power Transistor -50V, -3A
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com