Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-2000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-2000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-2000
Download  HDSP-2000 Download
File Size   491.69 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS

HDSP-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-2000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-2000
Download  HDSP-2000 Click to download

File Size   491.69 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS

HDSP-2000 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-2000 Product details

Description
The HDSP-2000/-2001/-2002/-2003 series of displays are 3.8mm 0.15 inch 5 x 7 LED array for displays of alphanumeric information.

Typical Applications
● INDUSTRIAL PROCESS CONTROL EQUIPMENT
● BUSINESS MACHINES
● PROGRAMMABLE LEGEND SWITCHES
● MEDICAL INSTRUMENTS
● MILITARY GROUND SUPPORT EQUIPMENT
● COMPUTER PERIPHERALS




Similar Part No. - HDSP-2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2107 AVAGO-HDSP-2107 Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107 Datasheet
344Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results


Similar Description - HDSP-2000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2107 HP-HDSP-2107 Datasheet
406Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com