Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3402 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

AO3402 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # AO3402
Download  AO3402 Download
File Size   899.48 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description N-Channel Enhancement Mode Power MOSFET

AO3402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3402 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AO3402
Download  AO3402 Click to download

File Size   899.48 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description N-Channel Enhancement Mode Power MOSFET

AO3402 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


AO3402 Product details

Description
The AO3402 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application.

General Features
● VDS = 30V,ID = 5.8A
   RDS(ON) < 59mΩ @ VGS=2.5V
   RDS(ON) < 45mΩ @ VGS=4.5V
   RDS(ON) < 41mΩ @ VGS=10V

● High power and current handing capability
● Lead free product is acquired
● Surface mount package
● PWM applications
● Load switch
● Power management




Similar Part No. - AO3402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3402 ETC-AO3402 Datasheet
111Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3402 AOSMD-AO3402 Datasheet
454Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3402 KEXIN-AO3402 Datasheet
1Mb / 4P
N-Channel enhancement mode field effect transistor
logo
Kersemi Electronic Co.,...
AO3402 KERSEMI-AO3402 Datasheet
715Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
GUANGDONG HOTTECH INDUS...
AO3402 HOTTECH-AO3402 Datasheet
335Kb / 4P
Plastic-Encapsulate Mosfets
More results


Similar Description - AO3402

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com