Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6536 Datasheet (PDF) - List of Unclassifed Manufacturers

PM6536 Datasheet PDF - List of Unclassifed Manufacturers
Part # PM6536
Download  PM6536 Download
File Size   437.94 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Compact SMD Ethernet DC/DC Converters

PM6536 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6536 Datasheet PDF - List of Unclassifed Manufacturers

Part # PM6536
Download  PM6536 Click to download

File Size   437.94 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Compact SMD Ethernet DC/DC Converters

PM6536 Datasheet (HTML) - List of Unclassifed Manufacturers


PM6536 Product details

[Valor Electronics, Inc.]

Compact SMD Ethernet DC/DC Converters

Valors DC/DC converters for compact SMD Ethernet applications are available in 5V or 12V inputs with 9V output for use with all coaxial transceiver chips for 10Base-2 applications. The components provide compact, very low profile solutions in an SMD (surface mount device) package. The basis for each of these converters is a Royer oscillator operating at 130kHz.

FEATURES
● SURFACE MOUNTABLE
● 70% EFFICIENCY TYPICAL
● REMODTE ON/OFF OPTIONAL
● COMPACT FOOTPRINT
● LOW PROFILE, 0.29" PACKAGE HEIGHT




Similar Part No. - PM6536

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-10A TRUMPOWER-PM65-10A Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-12A TRUMPOWER-PM65-12A Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
More results


Similar Description - PM6536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM7205 ETC1-PM7205 Datasheet
450Kb / 4P
ETHERNET DC/DC CONVERTERS
UM5100 ETC1-UM5100 Datasheet
232Kb / 2P
5-7.5 Watt SMD DC-DC Converters
logo
MicroPower Direct, LLC
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200I MPD-G200I Datasheet
77Kb / 2P
Compact MiniDIP, 2W High Isolation DC/DC Converters
logo
Premier Magnetics, Inc.
B4AR120925 PMI-B4AR120925 Datasheet
24Kb / 1P
2.25 WATT ETHERNET DC/DC CONVERTERS
logo
MicroPower Direct, LLC
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
ML200MRRI4 MPD-ML200MRRI4 Datasheet
731Kb / 2P
Medical Approved Compact SMT, 2W DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com