Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9235 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9235 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9235
Download  SC9235 Download
File Size   139.17 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ELECTRONIC VOLUME

SC9235 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9235 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9235
Download  SC9235 Click to download

File Size   139.17 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description ELECTRONIC VOLUME

SC9235 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9235 Product details

DESCRIPTION

The SC9235 and SC9235S are an optimum CMOS IC which has been designed for electronization of volume control of audio equipment, etc.



FEATURES

* Attenuation can be controlled from 0dB to -78dB by up, down input.

* This IC have 20dB tap for loudness circuit.

* This IC features a built-in DC output circuit (7 level) for volume level meter.

* Polysilicon resistors enables low-distortion, high-performance volume systems.

* Volume level remains in backup mode with low current consumption.

* Package is DIP16 and SOP16.



 




Similar Part No. - SC9235

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9235 FAIRVIEW-SC9235 Datasheet
288Kb / 1P
N-F PANEL MOUNT SOLDER POT
REV A
More results


Similar Description - SC9235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
ELECTRONIC VOLUME
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
ELECTRONIC VOLUME
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
electronic volume
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
Electronic Volume
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
Electronic Volume
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
Electronic Volume
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com