Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA50SCM Datasheet (PDF) - List of Unclassifed Manufacturers

MTA50SCM Datasheet PDF - List of Unclassifed Manufacturers
Part # MTA50SCM
Download  MTA50SCM Download
File Size   324.81 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Full-Size (7.3mm or 4.7mm height)

MTA50SCM Datasheet (PDF)

Go To PDF Page Download Datasheet
MTA50SCM Datasheet PDF - List of Unclassifed Manufacturers

Part # MTA50SCM
Download  MTA50SCM Click to download

File Size   324.81 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Full-Size (7.3mm or 4.7mm height)

MTA50SCM Datasheet (HTML) - List of Unclassifed Manufacturers


MTA50SCM Product details

[MMD COMPONENTS]

MTA Series / Industry Standard Package

• Industry Standard Package
• 5.0 or 3.3 Volt
• HCMOS, Sinewave, Clipped Sine
• 1.000MHz to 1.000GHz
• Stability Down to ±1ppm




Similar Part No. - MTA50SCM

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA50N02N3 CYSTEKEC-MTA50N02N3 Datasheet
312Kb / 8P
20V N-CHANNEL Enhancement Mode MOSFET
MTA50N15H8 CYSTEKEC-MTA50N15H8 Datasheet
598Kb / 10P
N-Channel Enhancement Mode Power MOSFET
MTA50N15H8-0-T6-G CYSTEKEC-MTA50N15H8-0-T6-G Datasheet
598Kb / 10P
N-Channel Enhancement Mode Power MOSFET
MTA50N15J3 CYSTEKEC-MTA50N15J3 Datasheet
431Kb / 9P
N-Channel Enhancement Mode Power MOSFET
MTA50N15J3-0-T3-X CYSTEKEC-MTA50N15J3-0-T3-X Datasheet
431Kb / 9P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - MTA50SCM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
Full-Size SBC
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
Full-Size SBC
EMB-BT7 AAEON-EMB-BT7 Datasheet
358Kb / 2P
full-size mini-card
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com