Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5161 Datasheet (PDF) - Rohm

2SC5161 Datasheet PDF - Rohm
Part # 2SC5161
Download  2SC5161 Download
File Size   83.73 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description HIgh voltage switching transistor (400V, 2A)

2SC5161 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5161 Datasheet PDF - Rohm

Part # 2SC5161
Download  2SC5161 Click to download

File Size   83.73 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description HIgh voltage switching transistor (400V, 2A)

2SC5161 Datasheet (HTML) - Rohm


2SC5161 Product details

Features
1) Low VCE(sat).
   VCE(sat)=0.15V (Typ.)
   (IC/IB=1A/0.2A)
2) High breakdown voltage.
   VCEO=400V
3) Fast switching.
   tf ≤1.0µs (IC=0.8A)




Similar Part No. - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5161 ROHM-2SC5161 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
logo
Guangdong Kexin Industr...
2SC5161 KEXIN-2SC5161 Datasheet
41Kb / 2P
High Voltage Switching Transistor
logo
Rohm
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
More results


Similar Description - 2SC5161

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1812 ROHM-2SA1812 Datasheet
250Kb / 4P
High-voltage Switching Transistor (-400V, -0.5A)
2SC3969 ROHM-2SC3969 Datasheet
120Kb / 4P
High Voltage Switching Transistor(400V, 2A)
2SA1862 ROHM-2SA1862 Datasheet
93Kb / 3P
High-voltage Switching Transistor (-400V, -2A)
2SC5161TLB ROHM-2SC5161TLB Datasheet
75Kb / 3P
High voltage switching transistor (400V, 2A)
2SA1812 ROHM-2SA1812_1 Datasheet
31Kb / 1P
High-voltage Switching Transistor ( 400V, 0.5A)
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX458 DIODES-FCX458_17 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558 DIODES-FCX558_17 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FMMT458 DIODES-FMMT458_16 Datasheet
492Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com