Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K102P Datasheet (PDF) - List of Unclassifed Manufacturers

K102P Datasheet PDF - List of Unclassifed Manufacturers
Part # K102P
Download  K102P Download
File Size   364.88 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Optically Coupled Isolator

K102P Datasheet (PDF)

Go To PDF Page Download Datasheet
K102P Datasheet PDF - List of Unclassifed Manufacturers

Part # K102P
Download  K102P Click to download

File Size   364.88 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Optically Coupled Isolator

K102P Datasheet (HTML) - List of Unclassifed Manufacturers


K102P Product details

[TELEFUNKEN electronic]

Construction : Emitter: GaAs IR Emitting Diode
                       Detector: Silicon NPN Epitaxial Planar Phototransistor

Applications: Gaivanically separated circuits, non-interaction switches

Features:
● DC isolation test voltage Vis 4.4 kV
● Low coupling capacity CK typ. 0.3 pF
● Test class 25/100.21, DIN 40045
● Current transfer ratio in groups selected
● Low temperature coefficient of CTR




Similar Part No. - K102P

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K102 KODENSHI-K102 Datasheet
257Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
List of Unclassifed Man...
K10240-PROPLUS ETC2-K10240-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
Littelfuse
K1025 LITTELFUSE-K1025 Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
logo
Vishay Siliconix
K102J15C0GF5.H5 VISHAY-K102J15C0GF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K102J15C0GF5.H5 VISHAY-K102J15C0GF5.H5 Datasheet
103Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
13-Apr-10
More results


Similar Description - K102P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
OPTICALLY-COUPLED ISOLATOR
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
OPTICALLY COUPLED ISOLATOR
CNY17-1X ISOCOM-CNY17-1X_08 Datasheet
128Kb / 3P
OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
Optically Coupled Isolator
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com