Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC7030 Datasheet (PDF) - List of Unclassifed Manufacturers

SPC7030 Datasheet PDF - List of Unclassifed Manufacturers
Part # SPC7030
Download  SPC7030 Download
File Size   77.68 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Fixed Inductor for Surface Mounting

SPC7030 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC7030 Datasheet PDF - List of Unclassifed Manufacturers

Part # SPC7030
Download  SPC7030 Click to download

File Size   77.68 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Fixed Inductor for Surface Mounting

SPC7030 Datasheet (HTML) - List of Unclassifed Manufacturers


SPC7030 Product details

[LS Communication]

SMD INTUCTOR
Fixed Inductor for Surface Mounting

SMD Shielded type

Features
* Low profile (3mm high)
* Suitable for reflow soldering
* Available on tape and reel for automatic insertion

TYPE SPC7030
   For Reflow Soldering
   Frequency Range: 1kHz ~ 1MHz
   Inductance Range: 2.2~ 100μH




Similar Part No. - SPC7030

ManufacturerPart #DatasheetDescription
logo
ABB
SPC700 ABB-SPC700 Datasheet
94Kb / 2P
SPC700 Controller Module
logo
Fuji Electric
SPC7011 FUJI-SPC7011 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
SPC7011F FUJI-SPC7011F Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
logo
List of Unclassifed Man...
SPC7040 ETC2-SPC7040 Datasheet
80Kb / 1P
SMD INDUCTOR Fixed Inductor for Surface Mounting
SPC7040-100M ETC2-SPC7040-100M Datasheet
80Kb / 1P
SMD INDUCTOR Fixed Inductor for Surface Mounting
More results


Similar Description - SPC7030

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
D73LF TOKO-D73LF_1 Datasheet
134Kb / 4P
Fixed Inductors for Surface Mounting
D78C TOKO-D78C Datasheet
91Kb / 1P
Fixed Inductors for Surface Mounting
D106C TOKO-D106C Datasheet
90Kb / 1P
Fixed Inductors for Surface Mounting
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
SPC7040 ETC2-SPC7040 Datasheet
80Kb / 1P
SMD INDUCTOR Fixed Inductor for Surface Mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com