Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA26-600B Datasheet (PDF) - First Silicon Co., Ltd

BTA26-600B Datasheet PDF - First Silicon Co., Ltd
Part # BTA26-600B
Download  BTA26-600B Download
File Size   444.03 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-Directional Triode Thyristor (600V/26A)

BTA26-600B Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA26-600B Datasheet PDF - First Silicon Co., Ltd

Part # BTA26-600B
Download  BTA26-600B Click to download

File Size   444.03 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-Directional Triode Thyristor (600V/26A)

BTA26-600B Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - BTA26-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA26-600B STMICROELECTRONICS-BTA26-600B Datasheet
137Kb / 12P
25A TRIACS
31-Jul-2006
logo
Tiger Electronic Co.,Lt...
BTA26-600B TGS-BTA26-600B Datasheet
66Kb / 1P
25A TRIACS
logo
Kersemi Electronic Co.,...
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA26-600B ISC-BTA26-600B Datasheet
113Kb / 1P
With TO-3P insulated package
BTA26-600B ISC-BTA26-600B Datasheet
219Kb / 1P
isc Thyristors
More results


Similar Description - BTA26-600B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
Bi-Directional Triode Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com