Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2-24V Datasheet (PDF) - Nais(Matsushita Electric Works)

RG2-24V Datasheet PDF - Nais(Matsushita Electric Works)
Part # RG2-24V
Download  RG2-24V Download
File Size   102.94 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS

RG2-24V Datasheet (PDF)

Go To PDF Page Download Datasheet
RG2-24V Datasheet PDF - Nais(Matsushita Electric Works)

Part # RG2-24V
Download  RG2-24V Click to download

File Size   102.94 Kbytes
Page   7 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS

RG2-24V Datasheet (HTML) - Nais(Matsushita Electric Works)


RG2-24V Product details

• Excellent high frequency characteristics

   Isolation: Min. 65dB (at 900 MHz)

   Insertion loss: Max. 1.0 (at 900 MHz)

• Wide selection

   Characteristic impedance: 50 Ω type and 75 Ω type

   Coil: Single side stable and latching type

• 1 A 24 V DC switching capacity

• Sealed construction for automatic cleaning

• High sensitivity 350W (1 Form C) in small size



TYPICAL APPLICATIONS

• Measuring instrument

• Testing equipment

• CATV converter

• Audio visual equipment

• TV game set




Similar Part No. - RG2-24V

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RG2-202N-D15 COPAL-RG2-202N-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RG2-202N-R15 COPAL-RG2-202N-R15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RG2-202S-D15 COPAL-RG2-202S-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RG2-202S-R15 COPAL-RG2-202S-R15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
RG2-203N-D15 COPAL-RG2-203N-D15 Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
More results


Similar Description - RG2-24V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Meder Electronic
HF05-1A54-6 MEDER-HF05-1A54-6 Datasheet
892Kb / 3P
High Frequency and High Power Reed Relays
logo
Omron Electronics LLC
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
Relay for control panel of 1c 10A, 2c 5A and 1a 16A
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
Relay for control panel of 1c 15A, and 2c 10A
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com