Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF622D16 Datasheet (PDF) - Suntsu Electronics, Inc.

STF622D16 Datasheet PDF - Suntsu Electronics, Inc.
Part # STF622D16
Download  STF622D16 Download
File Size   138.22 Kbytes
Page   1 Pages
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.
Description Cylindrical Tuning Fork Crystal

STF622D16 Datasheet (PDF)

Go To PDF Page Download Datasheet
STF622D16 Datasheet PDF - Suntsu Electronics, Inc.

Part # STF622D16
Download  STF622D16 Click to download

File Size   138.22 Kbytes
Page   1 Pages
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.
Description Cylindrical Tuning Fork Crystal

STF622D16 Datasheet (HTML) - Suntsu Electronics, Inc.




Similar Part No. - STF622D16

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STF620S SAMHOP-STF620S Datasheet
206Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Similar Description - STF622D16

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB206J ABRACON-AB206J Datasheet
213Kb / 2P
32.768kHz SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
07.09.07
logo
Vishay Siliconix
XT26T VISHAY-XT26T_07 Datasheet
91Kb / 3P
Tuning Fork Crystal
18-Oct-07
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
Tuning Fork Crystal
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
AB206F ABRACON-AB206F Datasheet
85Kb / 1P
SMD REFLOWABLE, CYLINDRICAL TYPE TUNING FORK CRYSTAL
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
Tuning Fork Crystal
logo
Transko Electronics, In...
1X5 TRANSKO-1X5 Datasheet
389Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (1.5 x 5.1mm)
Rev.1: Jul. 2014
2X6 TRANSKO-2X6 Datasheet
181Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (2.0 x 6.0mm)
Rev. 3: 05-15-19
3X8 TRANSKO-3X8 Datasheet
255Kb / 1P
TUNING FORK CYLINDRICAL CRYSTAL (3.1 x 8.3mm)
Rev.2: May 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com