Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CL31 Datasheet (PDF) - NXP Semiconductors

80CL31 Datasheet PDF - NXP Semiconductors
Part # 80CL31
Download  80CL31 Download
File Size   405.46 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage single-chip 8-bit microcontrollers

80CL31 Datasheet (PDF)

Go To PDF Page Download Datasheet
80CL31 Datasheet PDF - NXP Semiconductors

Part # 80CL31
Download  80CL31 Click to download

File Size   405.46 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-voltage single-chip 8-bit microcontrollers

80CL31 Datasheet (HTML) - NXP Semiconductors


80CL31 Product details

DESCRIPTION
The 80CL51 is manufactured in an advanced CMOS technology. The instruction set of the 80CL51 is based on that of the 8051. The 80CL51 is a general purpose microcontroller especially suited for battery-powered applications.
   
FEATURES
• Full static 80C51 CPU
• 8-bit CPU, ROM, RAM, 1/0 in a single 40-lead DIL / mini-pack
• 4K x 8 ROM, expandable externally to 64K bytes
• 128 bytes RAM, expandable externally to 64K bytes
• Four 8-bit ports, 321/0 lines
• Two 16-bit timer / event counters
• External memory expandable up to 128K, external ROM up to 64K and / or RAM up to 64K
• On-chip oscillator suitable for RC, LC, quartz crystal or ceramic resonator
• Thirteen source, thirteen vector interrupt structure with two priority levels
• Full duplex serial port (UART)
• Enhanced architecture with:
    – non-page oriented instructions
    – direct addressing
    – four eight byte RAM register banks
    – stack depth up to 128 bytes
    – multiply, divide, subtract and compare instructions
• Power-Down and IDLE instructions
• Wake-up via external interrupts at Port 1
• Single supply voltage of 1.8V to 6.0V (5.0V ±10% for P80C51)
• Frequency range of 0 to 16MHz (3.5MHz to 16MHz for P80C51)
• Very low current consumption
• Operating temperature range: -40 to +85°C
   




Similar Part No. - 80CL31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80CL410 PHILIPS-80CL410 Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
logo
International Rectifier
80CLQ150 IRF-80CLQ150 Datasheet
54Kb / 4P
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80CLQ150 IRF-80CLQ150 Datasheet
107Kb / 4P
SCHOTTKY RECTIFIER
80CLQ150 IRF-80CLQ150_15 Datasheet
107Kb / 4P
SCHOTTKY RECTIFIER
More results


Similar Description - 80CL31

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Intel Corporation
8XL51FA INTEL-8XL51FA Datasheet
285Kb / 20P
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
8XL52 INTEL-8XL52 Datasheet
284Kb / 20P
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com