Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC13192 Datasheet (PDF) - Freescale Semiconductor, Inc

MC13192 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC13192
Download  MC13192 Download
File Size   340.51 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard

MC13192 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13192 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC13192
Download  MC13192 Click to download

File Size   340.51 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard

MC13192 Datasheet (HTML) - Freescale Semiconductor, Inc


MC13192 Product details

Features

• Supports 250 kbps O-QPSK data in 5.0 MHz channels and full spread-spectrum encode and decode

(compatible with the 802.15.4 Standard)

• Operates on one of 16 selectable channels in the 2.4 GHz band

• RX sensitivity of <-92 dBm (typical) at 1.0% packet error rate

• 0 dBm nominal, programmable from -27 dBm to 4 dBm typical maximum output power

• Recommended power supply range: 2.0 to 3.4 V

• Buffered transmit and receive data packets for simplified use with low cost MCUs

• Three power down modes for power conservation:

— < 1 µA Off current

— 1 µA Typical Hibernate current

— 35 µA Typical Doze current (no CLKO)

• Four internal timer comparators available to supplement MCU resource

• Programmable frequency clock output (CLKO) for use by MCU

• Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external

variable capacitors and allows for automated production frequency calibration.

• Seven general purpose input/output (GPIO) signals

• Operating temperature range: -40 °C to 85 °C

• Small form factor QFN-32 Package




Similar Part No. - MC13192

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192 Datasheet
329Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FC FREESCALE-MC13192FC Datasheet
559Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192FCR2 FREESCALE-MC13192FCR2 Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Similar Description - MC13192

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com