Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8227AP Datasheet (PDF) - Unisonic Technologies

TA8227AP Datasheet PDF - Unisonic Technologies
Part # TA8227AP
Download  TA8227AP Download
File Size   158.47 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY POWER AMPLIFIER

TA8227AP Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8227AP Datasheet PDF - Unisonic Technologies

Part # TA8227AP
Download  TA8227AP Click to download

File Size   158.47 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW FREQUENCY POWER AMPLIFIER

TA8227AP Datasheet (HTML) - Unisonic Technologies


TA8227AP Product details

DESCRIPTION

The UTC TA8227APis an audio power IC with built-in two channels developed for portable radio cassette tape recorder with power ON / OFF switch.

Thermal shut down protection circuit is built in.



FEATURES

* Wide operating supply voltage: VCC=5~12V

* Low popping noise at power ON

* Best for supply voltage 9V

* Output power 

POUT=2.5W/CH at Vcc=9V, RL=4Ω, f=1kHz, THD=10%

POUT=3.0W/CH at Vcc=9V, RL=3Ω, f=1kHz, THD=10%

* Soft Clip

* Built-in thermal shut-down protection circuit

* Stand-by switch




Similar Part No. - TA8227AP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TA8227AP UTC-TA8227AP Datasheet
265Kb / 10P
LOW FREQUENCY POWER AMPLIFIER
TA8227APG-D12-H-T UTC-TA8227APG-D12-H-T Datasheet
265Kb / 10P
LOW FREQUENCY POWER AMPLIFIER
TA8227APG-D12-H-T UTC-TA8227APG-D12-H-T Datasheet
333Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
TA8227APG-S20-R UTC-TA8227APG-S20-R Datasheet
265Kb / 10P
LOW FREQUENCY POWER AMPLIFIER
TA8227APG-S20-R UTC-TA8227APG-S20-R Datasheet
333Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
More results


Similar Description - TA8227AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
UA8229 UTC-UA8229_10 Datasheet
269Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com