Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1213 Datasheet (PDF) - Maxim Integrated Products

MAX1213 Datasheet PDF - Maxim Integrated Products
Part # MAX1213
Download  MAX1213 Download
File Size   427.71 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, 12-Bit, 170Msps ADC for Broadband Applications

MAX1213 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1213 Datasheet PDF - Maxim Integrated Products

Part # MAX1213
Download  MAX1213 Click to download

File Size   427.71 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, 12-Bit, 170Msps ADC for Broadband Applications

MAX1213 Datasheet (HTML) - Maxim Integrated Products


MAX1213 Product details

General Description
The MAX1213 is a monolithic, 12-bit, 170Msps analog-to-digital converter (ADC) optimized for outstanding dynamic performance at high-IF frequencies up to 300MHz. The product operates with conversion rates up to 170Msps while consuming only 788mW.
At 170Msps and an input frequency up to 250MHz, the MAX1213 achieves a spurious-free dynamic range (SFDR) of 72.9dBc. Its excellent signal-to-noise ratio (SNR) of 66.2dB at 10MHz remains flat (within 2dB) for input tones up to 250MHz. This ADC yields an excellent low-noise floor of -68dBFS, which makes it ideal for wideband applications such as cable head-end receivers and power-amplifier predistortion in cellular base-station transceivers.

Features
♦ 170Msps Conversion Rate
♦ Low Noise Floor of -68dBFS
♦ Excellent Low-Noise Characteristics
   SNR = 65.8dB at fIN = 100MHz
   SNR = 64.5dB at fIN = 250MHz
♦ Excellent Dynamic Range
   SFDR = 74dBc at fIN = 100MHz
   SFDR = 72.9dBc at fIN = 250MHz
♦ 59.5dB NPR for fNOTCH = 28.8MHz and a Noise
   Bandwidth of 50MHz
♦ Single 1.8V Supply
♦ 788mW Power Dissipation at fSAMPLE = 170MHz
   and fIN = 65MHz
♦ On-Chip Track-and-Hold Amplifier
♦ Internal 1.23V-Bandgap Reference
♦ On-Chip Selectable Divide-by-2 Clock Input
♦ LVDS Digital Outputs with Data Clock Output
♦ MAX1213 EV Kit Available

Applications
   Base-Station Power-Amplifier Linearization
   Cable Head-End Receivers
   Wireless and Wired Broadband Communication
   Communications Test Equipment
   Radar and Satellite Subsystems




Similar Part No. - MAX1213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
526Kb / 19P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1213 MAXIM-MAX1213 Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213 MAXIM-MAX1213 Datasheet
562Kb / 12P
Up to 170Msps/210Msps/250Msps Sampling Rate
Rev 1; 4/05
More results


Similar Description - MAX1213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
12-Bit, 170Msps ADC
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com