Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1173 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1173 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1173
Download  HM1173 Download
File Size   798.93 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Integrated 3V-0.3A LDO and single channel 2.0-7.0V 2.5A H-bridge driver chip

HM1173 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1173 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1173
Download  HM1173 Click to download

File Size   798.93 Kbytes
Page   9 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Integrated 3V-0.3A LDO and single channel 2.0-7.0V 2.5A H-bridge driver chip

HM1173 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1173 Product details

Description
HM1173 integrates an output voltage of 3V, drive LDO capable of 300mA, LDO load energy The force varies with the supply voltage.

Characteristic
● Integrated 3.0V, 300mA LDO
● Continuous current 2.5A, peak value 4.0A
● Low quiescent working current (typ.120uA)
● SOP8 package

Typical Application
● Motor drive for 1 lithium battery application
● Motor drive for 2-5 sections Ni-MH/Ni-Cd applications
● Motor drive for 2-4 dry battery applications




Similar Part No. - HM1173

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1173B HMSEMI-HM1173B Datasheet
393Kb / 6P
Single channel 2.0-7.0V continuous current 1.2A H-bridge and integrated LDO driver chip
More results


Similar Description - HM1173

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM119 HMSEMI-HM119 Datasheet
497Kb / 6P
2.0-7.0V 2.7A/3.7A Single Channel H-Bridge Driver
HM1173B HMSEMI-HM1173B Datasheet
393Kb / 6P
Single channel 2.0-7.0V continuous current 1.2A H-bridge and integrated LDO driver chip
HM117A HMSEMI-HM117A Datasheet
418Kb / 6P
2.0-7.0V 2.0A single channel H-bridge driver
HM117B HMSEMI-HM117B Datasheet
775Kb / 6P
2.0-7.0V 1.2A single channel H-bridge driver
HM117DR HMSEMI-HM117DR Datasheet
643Kb / 5P
2.0-7.0V 2.2A single channel H-bridge driver
HM2502L HMSEMI-HM2502L Datasheet
790Kb / 9P
Single channel 2.0-7.0V 2.5A H-bridge driver chip
HM2503D HMSEMI-HM2503D Datasheet
588Kb / 6P
2.0-16V 2.5A single channel H-bridge driver chip
HM6208L HMSEMI-HM6208L Datasheet
559Kb / 5P
2.0-7.0V 1.0A single channel H-bridge driver
HM6208MR HMSEMI-HM6208MR Datasheet
577Kb / 5P
2.0-7.0V 1.0A single channel H-bridge driver
HM8310 HMSEMI-HM8310 Datasheet
704Kb / 7P
2.0-7.0V 1.0A single channel H-bridge driver chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com