Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBW-CK22 Datasheet (PDF) - EXCEL CELL ELECTRONIC CO., LTD.

EBW-CK22 Datasheet PDF - EXCEL CELL ELECTRONIC CO., LTD.
Part # EBW-CK22
Download  EBW-CK22 Download
File Size   204.55 Kbytes
Page   3 Pages
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.
Description 1.25mm Contact Spacing, Board to Wire SMT Connectors

EBW-CK22 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBW-CK22 Datasheet PDF - EXCEL CELL ELECTRONIC CO., LTD.

Part # EBW-CK22
Download  EBW-CK22 Click to download

File Size   204.55 Kbytes
Page   3 Pages
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.
Description 1.25mm Contact Spacing, Board to Wire SMT Connectors

EBW-CK22 Datasheet (HTML) - EXCEL CELL ELECTRONIC CO., LTD.




Similar Part No. - EBW-CK22

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
EBW-03-B MULTICOMP-EBW-03-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-04-B MULTICOMP-EBW-04-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-06-B MULTICOMP-EBW-06-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-07-B MULTICOMP-EBW-07-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
EBW-08-B MULTICOMP-EBW-08-B Datasheet
146Kb / 1P
Vertical PCB Terminal Blocks 3.81mm Pitch
24/06/14 V1.0
More results


Similar Description - EBW-CK22

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
logo
Tyco Electronics
4-1734598-5 MACOM-4-1734598-5 Datasheet
153Kb / 4P
Wire To Board Serial, Pitch 1.25mm
logo
Hirose Electric
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
High contact pressure Wire-to-Board connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW20 ECE-EBW20 Datasheet
136Kb / 2P
0.8mm Contact Spacing, Board To Wire Connectors
EBW-PK26 ECE-EBW-PK26 Datasheet
157Kb / 3P
1.25mm Contact Spacing, Board To Wire Header Connectors
EFC-PT24-SD ECE-EFC-PT24-SD Datasheet
210Kb / 5P
0.5mm Contact Spacing, ZIF Type Board To FPC Connectors Slide SMT Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com