Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QH8JC5 Datasheet (PDF) - Rohm

QH8JC5 Datasheet PDF - Rohm
Part # QH8JC5
Download  QH8JC5 Download
File Size   2852.98 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -60V PchPch Small Signal MOSFET

QH8JC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
QH8JC5 Datasheet PDF - Rohm

Part # QH8JC5
Download  QH8JC5 Click to download

File Size   2852.98 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -60V PchPch Small Signal MOSFET

QH8JC5 Datasheet (HTML) - Rohm




Similar Part No. - QH8JC5

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8JA1 ROHM-QH8JA1 Datasheet
2Mb / 14P
-20V Pch Pch Middle Power MOSFET
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
-40V PchPch Small Signal MOSFET
More results


Similar Description - QH8JC5

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR015P06FRA ROHM-RSR015P06FRA Datasheet
2Mb / 14P
Pch -60V -1.5A Small Signal MOSFET
RSR015P06HZG ROHM-RSR015P06HZG Datasheet
2Mb / 15P
Pch -60V -1.5A Small Signal MOSFET
RQ6L020SP ROHM-RQ6L020SP Datasheet
2Mb / 15P
Pch -60V -2.0A Small Signal MOSFET
BSS84AHZG ROHM-BSS84AHZG Datasheet
5Mb / 14P
Pch -60V -0.23A Small Signal MOSFET
BSS84XHZG ROHM-BSS84XHZG Datasheet
5Mb / 14P
Pch -60V -230mA Small Signal MOSFET
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
-40V PchPch Small Signal MOSFET
QH8MC5 ROHM-QH8MC5 Datasheet
4Mb / 22P
60V NchPch Small Signal MOSFET
BSS84W ROHM-BSS84W Datasheet
5Mb / 14P
Pch -60V -0.21A Small Signal MOSFET
20211110 - Rev.001
BSS84WAHZG ROHM-BSS84WAHZG Datasheet
5Mb / 14P
Pch -60V -0.21A Small Signal MOSFET
20210611 - Rev.002
BSS84HZG ROHM-BSS84HZG Datasheet
3Mb / 14P
Pch -60V -0.23A Small Signal MOSFET
20191029 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com