Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-SERIES Datasheet (PDF) - TXC Corporation.

BB-SERIES Datasheet PDF - TXC Corporation.
Part # BB-SERIES
Download  BB-SERIES Download
File Size   968.9 Kbytes
Page   1 Pages
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.
Description LVPECL output, output frequencies 25MHz to 200MHz.

BB-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-SERIES Datasheet PDF - TXC Corporation.

Part # BB-SERIES
Download  BB-SERIES Click to download

File Size   968.9 Kbytes
Page   1 Pages
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.
Description LVPECL output, output frequencies 25MHz to 200MHz.

BB-SERIES Datasheet (HTML) - TXC Corporation.




Similar Part No. - BB-SERIES

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-SBD40 ADVANTECH-BB-SBD40 Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
BB-SBD40 ADVANTECH-BB-SBD40 Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
BB-SBD40 ADVANTECH-BB-SBD40 Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
BB-SBD40 ADVANTECH-BB-SBD40 Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
BB-SBD40 ADVANTECH-BB-SBD40 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
More results


Similar Description - BB-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
LVPECL Oscillator LVPECL Output
logo
EUROQUARTZ limited
GPQF EUROQUARTZ-GPQF Datasheet
549Kb / 4P
LVPECL Output
GPQN EUROQUARTZ-GPQN Datasheet
522Kb / 4P
LVPECL Output
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
LVPECL Output
logo
List of Unclassifed Man...
CAEZA5BP22.5792TS ETC2-CAEZA5BP22.5792TS Datasheet
52Kb / 1P
LVPECL Output
logo
TXC Corporation.
BG-SERIES TXC-BG-SERIES Datasheet
960Kb / 1P
LVDS output, output frequencies 75 MHz to 700MHz.
CS-SERIES TXC-CS-SERIES Datasheet
940Kb / 1P
LVPECL output, output frequencies 150 MHz to 700 MHz.
DB-SERIES TXC-DB-SERIES Datasheet
936Kb / 1P
LVPECL output, output frequencies 25 MHz to 200 MHz.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
DF-SERIES TXC-DF-SERIES Datasheet
932Kb / 1P
LVDS output, output frequencies 25 MHz to 200 MHz.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com