Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6511END3 Datasheet (PDF) - Rohm

R6511END3 Datasheet PDF - Rohm
Part # R6511END3
Download  R6511END3 Download
File Size   2138.25 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 11A Power MOSFET

R6511END3 Datasheet (PDF)

Go To PDF Page Download Datasheet
R6511END3 Datasheet PDF - Rohm

Part # R6511END3
Download  R6511END3 Click to download

File Size   2138.25 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 650V 11A Power MOSFET

R6511END3 Datasheet (HTML) - Rohm




Similar Part No. - R6511END3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6511END3 ISC-R6511END3 Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R6511END3

ManufacturerPart #DatasheetDescription
logo
Rohm
R5011FNJ ROHM-R5011FNJ Datasheet
3Mb / 14P
Nch 500V 11A Power MOSFET
RQ7E110AJ ROHM-RQ7E110AJ Datasheet
2Mb / 14P
Nch 30V 11A Middle Power MOSFET
R6011ENJ ROHM-R6011ENJ Datasheet
2Mb / 14P
Nch 600V 11A Power MOSFET
R6011ENX ROHM-R6011ENX Datasheet
2Mb / 14P
Nch 600V 11A Power MOSFET
R6011KNJ ROHM-R6011KNJ Datasheet
2Mb / 14P
Nch 600V 11A Power MOSFET
R6011KNX ROHM-R6011KNX Datasheet
2Mb / 14P
Nch 600V 11A Power MOSFET
RF4E110BN ROHM-RF4E110BN Datasheet
2Mb / 13P
Nch 30V 11A Middle Power MOSFET
R6011END3 ROHM-R6011END3 Datasheet
2Mb / 16P
Nch 600V 11A Power MOSFET
R6011KND3 ROHM-R6011KND3 Datasheet
2Mb / 16P
Nch 600V 11A Power MOSFET
R6511KND3 ROHM-R6511KND3 Datasheet
2Mb / 14P
Nch 650V 11A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com