Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS50TSX2D Datasheet (PDF) - Rohm

RGS50TSX2D Datasheet PDF - Rohm
Part # RGS50TSX2D
Download  RGS50TSX2D Download
File Size   1055.12 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1200V 25A Field Stop Trench IGBT

RGS50TSX2D Datasheet (PDF)

Go To PDF Page Download Datasheet
RGS50TSX2D Datasheet PDF - Rohm

Part # RGS50TSX2D
Download  RGS50TSX2D Click to download

File Size   1055.12 Kbytes
Page   13 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1200V 25A Field Stop Trench IGBT

RGS50TSX2D Datasheet (HTML) - Rohm




Similar Part No. - RGS50TSX2D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGS50TSX2DHR ROHM-RGS50TSX2DHR Datasheet
1Mb / 13P
1200V 25A Field Stop Trench IGBT
2020.09 - Rev.C
More results


Similar Description - RGS50TSX2D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
1200V, 25A Field Stop Trench IGBT
FGH25N120FTDS FAIRCHILD-FGH25N120FTDS Datasheet
711Kb / 9P
1200V, 25A Field Stop Trench IGBT
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120TF SEMIHOW-HIL40N120TF Datasheet
909Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120VF SEMIHOW-HIL40N120VF Datasheet
851Kb / 8P
1200V Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HM25N120FT HMSEMI-HM25N120FT Datasheet
1Mb / 7P
1200V /25A Trench Field Stop IGBT
HM25N135FT HMSEMI-HM25N135FT Datasheet
752Kb / 9P
1350V /25A Trench Field Stop IGBT
logo
Rohm
RGS50TSX2 ROHM-RGS50TSX2 Datasheet
994Kb / 11P
1200V 25A Field Stop Trench IGBT
logo
Micro Commercial Compon...
MIW25N120FA MCC-MIW25N120FA Datasheet
1,023Kb / 7P
Trench and Field Stop IGBT 1200V 25A
Rev.3-1-02182022
logo
Rohm
RGS50TSX2DHR ROHM-RGS50TSX2DHR Datasheet
1Mb / 13P
1200V 25A Field Stop Trench IGBT
2020.09 - Rev.C
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com