Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5472 Datasheet (PDF) - Panasonic Semiconductor

2SC5472 Datasheet PDF - Panasonic Semiconductor
Part # 2SC5472
Download  2SC5472 Download
File Size   52.61 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)

2SC5472 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5472 Datasheet PDF - Panasonic Semiconductor

Part # 2SC5472
Download  2SC5472 Click to download

File Size   52.61 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)

2SC5472 Datasheet (HTML) - Panasonic Semiconductor


2SC5472 Product details

For low-voltage low-noise high-frequency oscillation



■Features

•High transition frequency fT

•High gain of 8.2 dB and low noise of 1.8 dB at 3 V

•Optimum for RF amplification of a portable telephone and pager

•S-mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.



 




Similar Part No. - 2SC5472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC547 PANASONIC-2SC547 Datasheet
35Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
logo
Hitachi Semiconductor
2SC547 HITACHI-2SC547 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
2SC5470 HITACHI-2SC5470 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
More results


Similar Description - 2SC5472

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2634 PANASONIC-2SC2634 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC2636 PANASONIC-2SC2636 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SC5378 PANASONIC-2SC5378 Datasheet
31Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5379 PANASONIC-2SC5379 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5473 PANASONIC-2SC5473 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5474 PANASONIC-2SC5474 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com