Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC250 Datasheet (PDF) - List of Unclassifed Manufacturers

OC250 Datasheet PDF - List of Unclassifed Manufacturers
Part # OC250
Download  OC250 Download
File Size   196.94 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Opto Coupler

OC250 Datasheet (PDF)

Go To PDF Page Download Datasheet
OC250 Datasheet PDF - List of Unclassifed Manufacturers

Part # OC250
Download  OC250 Click to download

File Size   196.94 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Opto Coupler

OC250 Datasheet (HTML) - List of Unclassifed Manufacturers


OC250 Product details

[VMI]

ABSOLUTE MAXIMUM RATINGS

LED
• Forward DC Current 100 mA
• Surge Current 2.5 A
• Reverse Voltage 20 V
• Power Dissipation (25°C) 1000 mW

Photodiode
• Reverse Voltage 25,000 V
• Power Dissipation 2.5 W
• Storage Temperature -40°C to +125°C
• Operating Temperature -40°C to +100°C
• Isolation Test Voltage 25 kV (Pins 1 & 2 to Pins 3 and 4)




Similar Part No. - OC250

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
OC250 VMI-OC250 Datasheet
106Kb / 2P
Opto Coupler ??Epoxy Molded
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
Opto Coupler ??Epoxy Molded
More results


Similar Description - OC250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC100 ETC-OC100 Datasheet
157Kb / 2P
Opto Coupler
logo
Voltage Multipliers Inc...
OC100HG VMI-OC100HG Datasheet
126Kb / 3P
Opto Coupler
OC100 VMI-OC100 Datasheet
122Kb / 2P
Opto Coupler
OC250 VMI-OC250 Datasheet
200Kb / 2P
Opto Coupler
logo
Linear Technology
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
Isolated Flyback Converter without an Opto-Coupler
LT4430 LINER-LT4430_1 Datasheet
479Kb / 26P
Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT4430 LINER-LT4430_15 Datasheet
575Kb / 26P
Secondary-Side Opto-Coupler Driver
logo
Voltage Multipliers Inc...
OC250 VMI-OC250_13 Datasheet
106Kb / 2P
Opto Coupler ??Epoxy Molded
logo
Isahaya Electronics Cor...
M57159L-01R ISAHAYA-M57159L-01R Datasheet
313Kb / 7P
Built-in high CMR opto-coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com