Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62399P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62399P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62399P
Download  M62399P Download
File Size   88.79 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62399P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62399P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62399P
Download  M62399P Click to download

File Size   88.79 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS

M62399P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62399P Product details

DESCRIPTION
The M62399P,FP is an integrated circuit semiconductor of high voltage type CMOS structure with 8 channels of built-in D-A converters with output buffer operational amplifiers. The input is 2-wires serial method is used for the transfer formal of digital data to allow connection with a microcomputer with minimum wiring.
The output buffer operational amplifier employs AB class output circuit with sync and source drive capacity of 2.5mA or more,and it operates in the whole voltage range from VrefU to ground.
And because of connects maximum 8 pieces,it is possible to 64 channels control.

FEATURES
• Digital data transfer format
   I2C-bus serial data method
• Output buffer operational amplifier
   it operates in the whole voltage range from VrefU(0~12V)to ground.
• High output current drive capacity
   ±2.5mA over
• Preparation two high level reference voltage terminal because there are two high level reference voltage terminal,it can set up two kinds differ voltage range.


APPLICATION
   Conversion from digital control data to analog control data for home-use and industrial equipment.
   Signal gain control or automatic adjustment of DISPLAY-MONITOR or CTV.




Similar Part No. - M62399P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62399P RENESAS-M62399P Datasheet
2Mb / 6P
8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Similar Description - M62399P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62353P MITSUBISHI-M62353P Datasheet
55Kb / 6P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62353AGP RENESAS-M62353AGP Datasheet
113Kb / 9P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P Datasheet
131Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62393P RENESAS-M62393P Datasheet
119Kb / 7P
8-bit 8ch I2C BUS D/A Converter with Buffer Amplifiers
M62359P RENESAS-M62359P Datasheet
2Mb / 7P
8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62399P RENESAS-M62399P Datasheet
2Mb / 6P
8-BIT 8CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
R2A20168NP RENESAS-R2A20168NP Datasheet
473Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
R2A20168NPSASP RENESAS-R2A20168NPSASP_15 Datasheet
364Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
M62353P RENESAS-M62353P_15 Datasheet
119Kb / 10P
8-bit 8ch D/A Converter with Buffer Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com