Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35XB80 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

D35XB80 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # D35XB80
Download  D35XB80 Download
File Size   1753.74 Kbytes
Page   7 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Bridge Diodes 800V, 35A

D35XB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
D35XB80 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # D35XB80
Download  D35XB80 Click to download

File Size   1753.74 Kbytes
Page   7 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Bridge Diodes 800V, 35A

D35XB80 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd




Similar Part No. - D35XB80

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D35 EIC-D35 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
logo
SL Power Electronics
D35-050400-A000G SLPOWER-D35-050400-A000G Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
D35-060333-A000G SLPOWER-D35-060333-A000G Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
D35-060400-A000G SLPOWER-D35-060400-A000G Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
More results


Similar Description - D35XB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MG038A200080A SHINDENGEN-MG038A200080A Datasheet
1Mb / 6P
Bridge Diodes 800V, 200A
MG038B150080A SHINDENGEN-MG038B150080A Datasheet
1Mb / 6P
Bridge Diodes 800V, 150A
MG060C100080A SHINDENGEN-MG060C100080A Datasheet
388Kb / 4P
Bridge Diodes 800V, 100A
MG061B150080A SHINDENGEN-MG061B150080A Datasheet
460Kb / 4P
Bridge Diodes 800V, 150A
MG061C200080A SHINDENGEN-MG061C200080A Datasheet
390Kb / 4P
Bridge Diodes 800V, 200A
S1NB80-7062 SHINDENGEN-S1NB80-7062 Datasheet
673Kb / 5P
Bridge Diodes 800V, 1A
S1NBB80-7062 SHINDENGEN-S1NBB80-7062 Datasheet
728Kb / 5P
Bridge Diodes 800V, 1A
S1NBB80-7101 SHINDENGEN-S1NBB80-7101 Datasheet
707Kb / 5P
Bridge Diodes 800V, 1A
S1NBC80-7062 SHINDENGEN-S1NBC80-7062 Datasheet
877Kb / 6P
Bridge Diodes 800V, 1.5A
S1ZB80-7101 SHINDENGEN-S1ZB80-7101 Datasheet
623Kb / 5P
Bridge Diodes 800V, 0.8A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com