Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF1007 Datasheet (PDF) - Vishay Siliconix

UF1007 Datasheet PDF - Vishay Siliconix
Part # UF1007
Download  UF1007 Download
File Size   83.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Plastic Rectifier

UF1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF1007 Datasheet PDF - Vishay Siliconix

Part # UF1007
Download  UF1007 Click to download

File Size   83.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Plastic Rectifier

UF1007 Datasheet (HTML) - Vishay Siliconix


UF1007 Product details

• Glass passivated chip junction
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106




Similar Part No. - UF1007

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF1007 DIODES-UF1007 Datasheet
62Kb / 2P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
logo
Fuji Electric
UF1007 FUJI-UF1007 Datasheet
759Kb / 1P
1 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF1007 DIODES-UF1007 Datasheet
419Kb / 3P
1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. 11 - 2
logo
Compact Technology Corp...
UF1007 CTC-UF1007 Datasheet
41Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF1007 GULFSEMI-UF1007 Datasheet
151Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
More results


Similar Description - UF1007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com