Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BR24C01-RDS6TP Datasheet (PDF) - Rohm

BR24C01-RDS6TP Datasheet PDF - Rohm
Part # BR24C01-RDS6TP
Download  BR24C01-RDS6TP Download
File Size   318.96 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type

BR24C01-RDS6TP Datasheet (PDF)

Go To PDF Page Download Datasheet
BR24C01-RDS6TP Datasheet PDF - Rohm

Part # BR24C01-RDS6TP
Download  BR24C01-RDS6TP Click to download

File Size   318.96 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type

BR24C01-RDS6TP Datasheet (HTML) - Rohm


BR24C01-RDS6TP Product details

Silicon Monolithic Integrated Circuit

I2C BUS Series EEPROMs

Supply voltage 1.8V~5.5V/Operating temperature ~40°C~+85°C type




Similar Part No. - BR24C01-RDS6TP

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01-DS6TP ROHM-BR24C01-DS6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C01-DW6TP ROHM-BR24C01-DW6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C01-MN6TP ROHM-BR24C01-MN6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24C01-WDS6TP ROHM-BR24C01-WDS6TP Datasheet
320Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24C01-WDW6TP ROHM-BR24C01-WDW6TP Datasheet
320Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
More results


Similar Description - BR24C01-RDS6TP

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-2.7 ROHM-BR24CXX-10XU-2.7 Datasheet
294Kb / 6P
Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-XX6TP ROHM-BR24CXX-XX6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-1.8 ROHM-BR93CXX-10XU-1.8 Datasheet
283Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR93CXX-XXX6TP ROHM-BR93CXX-XXX6TP Datasheet
312Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com