Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH941S Datasheet (PDF) - Analog Devices

ADH941S Datasheet PDF - Analog Devices
Part # ADH941S
Download  ADH941S Download
File Size   351.01 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 30 GHz Digital Attenuator Die

ADH941S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADH941S Datasheet PDF - Analog Devices

Part # ADH941S
Download  ADH941S Click to download

File Size   351.01 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 GHz to 30 GHz Digital Attenuator Die

ADH941S Datasheet (HTML) - Analog Devices




Similar Part No. - ADH941S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH939-000C AD-ADH939-000C Datasheet
333Kb / 8P
0.1 GHz to 40 GHz Digital Attenuator Die
28-Feb-2020
ADH939S AD-ADH939S Datasheet
333Kb / 8P
0.1 GHz to 40 GHz Digital Attenuator Die
28-Feb-2020
More results


Similar Description - ADH941S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATGM0004 MACOM-MAATGM0004 Datasheet
230Kb / 6P
Attenuator, Digital, 5-Bit 0.1 - 20.0 GHz
logo
Hittite Microwave Corpo...
HMC941 HITTITE-HMC941 Datasheet
659Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Skyworks Solutions Inc.
SKY12361-350LF SKYWORKS-SKY12361-350LF Datasheet
1Mb / 9P
0.1 to 3.7 GHz Four-Bit Digital Attenuator
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
HMC624A AD-HMC624A Datasheet
578Kb / 15P
0.1 GHz to 6.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
9/2017-Rev. A to Rev. B
ADH939S AD-ADH939S Datasheet
333Kb / 8P
0.1 GHz to 40 GHz Digital Attenuator Die
28-Feb-2020
HMC424ACHIPS AD-HMC424ACHIPS Datasheet
285Kb / 11P
0.1 GHz to 13.0 GHz,0.5 dB LSB, 6-Bit, GaAs Digital Attenuator
3/2020-Rev. 01.1115 to Rev. B
HMC470A AD-HMC470A Datasheet
373Kb / 11P
0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
9/2017-Rev. 01.0716 to Rev. A
HMC-C584 AD-HMC-C584 Datasheet
232Kb / 9P
0.1 GHz to 40 GHz, 31 dB, 5-Bit Digital Attenuator
9/2016-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com