Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1302-SPA Datasheet (PDF) - Anachip Corp

AP1302-SPA Datasheet PDF - Anachip Corp
Part # AP1302-SPA
Download  AP1302-SPA Download
File Size   164.59 Kbytes
Page   5 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Single Coil Fan Motor Full Wave Driver

AP1302-SPA Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1302-SPA Datasheet PDF - Anachip Corp

Part # AP1302-SPA
Download  AP1302-SPA Click to download

File Size   164.59 Kbytes
Page   5 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Single Coil Fan Motor Full Wave Driver

AP1302-SPA Datasheet (HTML) - Anachip Corp


AP1302-SPA Product details

General Description

The AP1304/5 is single phase full wave drive design, which is suited for small fans (such as CPU cooling fans). The low switching noise and effective motor drive are another advantage. All functions, including lock shutdown, automatic restart, rotation detection (RD), and speed indication output (FG) have been incorporated into one chip. When the motor is under lock condition, lock shutdown function turns off the output current. When the lock condition is removed, the IC automatically restarts and allows DC fan to run. In addition, the RD function is to detect the motor status and the FG is to provide the rotation speed. 



„  Features

- Compatible to a Hall element

- Operating voltage (VCC) : 4V to 20V

- Lock shutdown and automatic restart

- Speed indication output (FG) named as AP1301/4

- Rotation detection output (RD) named as AP1302/5

- Output current(AP1301/2) IO=500mA(max)

- Output current(AP1304/5) IO=350mA(max)

- Operating temperature (Topr) : -30ºC to +85ºC

- SOP-8L/ SOP-8L EP package

- Include Thermal Shutdown circuit




Similar Part No. - AP1302-SPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Anachip Corp
AP13025R ANACHIP-AP13025R Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
AP13025RA ANACHIP-AP13025RA Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
AP13025RL ANACHIP-AP13025RL Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
AP13025RLA ANACHIP-AP13025RLA Datasheet
161Kb / 9P
300mA Low Dropout (LDO) Linear Regulator
Rev. 1.0 May 7, 2004
More results


Similar Description - AP1302-SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
Fan Motor Driver Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com