Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3620 Datasheet (PDF) - Maxim Integrated Products

MAX3620 Datasheet PDF - Maxim Integrated Products
Part # MAX3620
Download  MAX3620 Download
File Size   159.71 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Delay Lines for High-Speed Clock Distribution Systems

MAX3620 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3620 Datasheet PDF - Maxim Integrated Products

Part # MAX3620
Download  MAX3620 Click to download

File Size   159.71 Kbytes
Page   6 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Delay Lines for High-Speed Clock Distribution Systems

MAX3620 Datasheet (HTML) - Maxim Integrated Products


MAX3620 Product details

General Description
The MAX3620 series is a family of high-performance passive delay lines for use in QDR/QDRII synchronous memory systems. These delay lines support high-speed transceiver logic (HSTL) source terminated transmission with an unterminated load at the receiver, and deliver accurate delays of 0.75ns, 1.00ns, 1.25ns, and 1.50ns for the generation of the quarter clock phase. The MAX3620 is offered in a small 3mm x 3mm package which contains two delay lines of equal length that can be driven either differentially or single-endedly.

Features
♦ Supports HSTL Source Terminated Lines
♦ All-Passive Design
♦ Compatible with 100Ω Differential and 50Ω Single
   Ended Transmission Lines
♦ Small 3mm x 3mm Package

Applications
   QDR/QDRII Memory Systems
   Multiphase Clock Generation




Similar Part No. - MAX3620

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3622CUE MAXIM-MAX3622CUE Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
More results


Similar Description - MAX3620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89950 SANYO-LC89950 Datasheet
98Kb / 5P
1H Delay Line for PAL Systems
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
Coils/Delay Lines
logo
Faraday Technology
TCD050B01 FARADAY-TCD050B01 Datasheet
54Kb / 2P
TCD DELAY LINES
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
HDTV DELAY LINES
logo
PCA ELECTRONICS INC.
EP9604-32 PCA-EP9604-32 Datasheet
21Kb / 1P
5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G-32 PCA-EP9604G-32 Datasheet
22Kb / 1P
5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
PCA ELECTRONICS INC.
EP9604 PCA-EP9604_15 Datasheet
21Kb / 1P
5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
EP9604G PCA-EP9604G_15 Datasheet
22Kb / 1P
5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
logo
Guangdong Youtai Semico...
RCLAMP052XP UMW-RCLAMP052XP Datasheet
409Kb / 5P
Package design optimized for high speed lines
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com